PART |
Description |
Maker |
SP-75-24 SP-75-3.3 SP-75-7.5 SP-75-48 SP-75-13.5 S |
75W Single Output with PFC Function
|
Mean Well Enterprises Co., Ltd.
|
SP-75-7.5 SP-75-3.3 SP-75-24 SP-75-5 SP-75-27 SP-7 |
75W Single Output with PFC Function
|
Astrodyne, Inc. Astrodyne Corporation
|
NES-75-24 NES-75-48 NES-75-12 NES-75-15 NES-75-5 |
75W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
CEN-75-36 CEN-75-54 CEN-75-20 CEN-75-24 CEN-75-30 |
75W Single Output LED Power Supply
|
http:// Mean Well Enterprises Co., Ltd.
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
RS-7510 RS-75-15 RS-75-12 |
75W Single Output Switching Power Supply 75W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises C...
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
LPS75 |
75W Single Output Switching Power Supply
|
Astrodyne Corporation
|
RS-75-24 |
75W Single Output Switching Power Supply
|
Total Power Internation...
|
P6DG-244R8E P6DG-0503E P6DG-0505E P6DG-0509E P6DG- |
1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔瓦稳压单输出DIP14 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔1瓦稳压单输出DIP14
|
PEAK[PEAK electronics GmbH]
|